Part Number Hot Search : 
LM393AFE L6004F81 SKM40 SKIIP3 TA58L09F TM782 BSL40 PN7222
Product Description
Full Text Search
 

To Download 2N5400S99 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1999. 11. 30 1/2 semiconductor technical data 2n5400s epitaxial planar pnp transistor revision no : 2 general purpose application. high voltage application. features high collector breakdwon voltage : v cbo =-130v, v ceo =-120v low leakage current. : i cbo =-100na(max.) @v cb =-100v low saturation voltage : v ce(sat) =-0.5v(max.) @i c =-50ma, i b =-5ma low noise : nf=8db (max.) maximum rating (ta=25 ) dim millimeters 1. emitter 2. base 3. collector sot-23 a b c d e 2.93 0.20 1.30+0.20/-0.15 0.45+0.15/-0.05 2.40+0.30/-0.20 g 1.90 h j k l m n 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 min 1.00+0.20/-0.10 m j k e 1 2 3 h g a n c b d 1.30 max ll pp p7 + _ characteristic symbol rating unit collector-base voltage v cbo -130 v collector-emitter voltage v ceo -120 v emitter-base voltage v ebo -5 v collector current i c -600 ma base current i b -100 ma collector power dissipation p c * 350 mw junction temperature t j 150 storage temperature range t stg -55 150 note : * package mounted on 99.5% alumina 10 8 0.6 ) type name marking lot no. zn
1999. 11. 30 2/2 revision no : 2 electrical characteristics (ta=25 ) 2n5400s * pulse test : pulse width 300 s, duty cycle 2%. characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-100v, i e =0 - - -100 na v cb =-100v, i e =0, ta=100 - - -100 a emitter cut-off current i ebo v eb =-3v, i c =0 - - -50 na collector-base breakdown voltage v (br)cbo i c =-0.1ma, i e =0 -130 - - v collector-emitter * breakdown voltage v (br)ceo i c =-1ma, i b =0 -120 - - v emitter-base breakdown voltage v (br)ebo i e =-10 a, i c =0 -5 - - v dc current gain * h fe (1) v ce =-5v, i c =-1ma 30 - - h fe (2) v ce =-5v, i c =-10ma 40 - 180 h fe (3) v ce =-5v, i c =-50ma 40 - - collector-emitter * saturation voltage v ce(sat) 1 i c =-10ma, i b =-1ma - - -0.2 v v ce(sat) 2 i c =-50ma, i b =-5ma - - -0.5 base-emitter * saturation voltage v be(sat) 1 i c =-10ma, i b =-1ma - - -1.0 v v be(sat) 2 i c =-50ma, i b =-5ma - - -1.0 transition frequency f t v ce =-10v, i c =-10ma, f=100mhz 100 - 400 mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - - 6 pf small-signal current gain h fe v ce =-10v, i c =-1ma, f=1khz 30 - 200 noise figure nf v ce =-5v, i c =-250 a rg=1k , f=10hz 15.7khz - - 8 db


▲Up To Search▲   

 
Price & Availability of 2N5400S99

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X